công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F615-E/MS bảng dữ liệu(PDF) 195 Page - Microchip Technology

tên linh kiện PIC12F615-E/MS
Giải thích chi tiết về linh kiện  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/MS bảng dữ liệu(HTML) 195 Page - Microchip Technology

Back Button PIC12F615-E/MS Datasheet HTML 191Page - Microchip Technology PIC12F615-E/MS Datasheet HTML 192Page - Microchip Technology PIC12F615-E/MS Datasheet HTML 193Page - Microchip Technology PIC12F615-E/MS Datasheet HTML 194Page - Microchip Technology PIC12F615-E/MS Datasheet HTML 195Page - Microchip Technology PIC12F615-E/MS Datasheet HTML 196Page - Microchip Technology PIC12F615-E/MS Datasheet HTML 197Page - Microchip Technology PIC12F615-E/MS Datasheet HTML 198Page - Microchip Technology PIC12F615-E/MS Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 195
PIC12F609/615/617/12HV609/615
18.0
PACKAGING INFORMATION
18.1
Package Marking Information
*
Standard PIC device marking consists of Microchip part number, year code, week code, and traceability code. For
PIC device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP
devices, any special marking adders are included in QTP price.
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line, thus limiting the number of available characters for
customer-specific information.
3
e
3
e
XXXXXNNN
8-Lead PDIP (.300”)
XXXXXXXX
YYWW
017
Example
XXFXXX/P
0610
8-Lead SOIC (.150”)
XXXXXXXX
XXXXYYWW
NNN
Example
PICXXCXX
/SN0610
017
XXXXXX
8-Lead DFN (4x4 mm) (for PIC12F609/615/HV609/615
YYWW
NNN
Example
XXXXXX
XXXXXX
0610
017
XXXX 3
e
3
e
3
e
8-Lead MSOP
XXXXXX
YWWNNN
Example
602/MS
610017
XXXX
8-Lead DFN (3x3 mm)
YYWW
NNN
Example
0610
017
XXXX
devices only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More