công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS8228 bảng dữ liệu(PDF) 106 Page - ams AG

tên linh kiện AS8228
Giải thích chi tiết về linh kiện  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS8228 bảng dữ liệu(HTML) 106 Page - ams AG

Back Button AS8228 Datasheet HTML 102Page - ams AG AS8228 Datasheet HTML 103Page - ams AG AS8228 Datasheet HTML 104Page - ams AG AS8228 Datasheet HTML 105Page - ams AG AS8228 Datasheet HTML 106Page - ams AG AS8228 Datasheet HTML 107Page - ams AG AS8228 Datasheet HTML 108Page - ams AG AS8228 Datasheet HTML 109Page - ams AG AS8228 Datasheet HTML 110Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 106 of 123
UART is dedicated to the SCT block for writing to and reading from other functional blocks such as RTC,
LCDD; besides, it is used for selection of different modes of operation.
SFRs of UART1
There are five special function registers dedicated to the UART1.
Register Name
Address Description
Read/Write from MCU
SCON
98h
Serial port control register
read & write
SBUF
99h
Serial port buffer register
read & write (separate)
SBAUDL
9Ah
Baudrate reload register – Low address
write only
SBAUDH
9Bh
Baudrate reload register – High address
write only
SOVR
90h
Serial receive buffer overflow register
read & write, only one bit
(=bit0) available
SOVR Register
Serial receive buffer overflow register. If data is received before it has been read out of SBUF then the bit SOV
is set. It can the cleared by software. All other bits of SOVR are 0.
SOVR
MSB
LSB
0
0
0
0
0
0
0
SOV
Note:
Overflow flag. If ‘1’ then a receiver buffer overflow occurred. The old buffer value has been overwritten by new
incoming data. Set by overflow, cleared by MCU.
SCON Register
The SFR Serial Port Control Register (SCON) is used to configure the UART1 and to check the status of the
transmission.
SCON
MSB
LSB
SM0
SM1
SM2
REN
TB8
RB8
TI
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com