công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8548CVTAQJB bảng dữ liệu(PDF) 137 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8548CVTAQJB
Giải thích chi tiết về linh kiện  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548CVTAQJB bảng dữ liệu(HTML) 137 Page - Freescale Semiconductor, Inc

Back Button MPC8548CVTAQJB Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8548CVTAQJB Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8548CVTAQJB Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8548CVTAQJB Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8548CVTAQJB Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8548CVTAQJB Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8548CVTAQJB Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8548CVTAQJB Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8548CVTAQJB Datasheet HTML 141Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
137
Ordering Information
•
SD_REF_CLK
NOTE
It is recommended to power down the unused lane through SRDSCR1[0:7]
register (offset = 0xE_0F08) (this prevents the oscillations and holds the
receiver output in a fixed state) that maps to SERDES lane 0 to lane 7
accordingly.
Pins V28 and M26 must be tied to XVDD. Pins V27 and M25 must be tied to GND through a 300-Ω
resistor.
21.11 Guideline for PCI Interface Termination
PCI termination if PCI 1 or PCI 2 is not used at all.
Option 1
If PCI arbiter is enabled during POR:
•
All AD pins will be driven to the stable states after POR. Therefore, all ADs pins can be floating.
•
All PCI control pins can be grouped together and tied to OVDD through a single 10-kΩ resistor.
•
It is optional to disable PCI block through DEVDISR register after POR reset.
Option 2
If PCI arbiter is disabled during POR:
•
All AD pins will be in the input state. Therefore, all ADs pins need to be grouped together and tied
to OVDD through a single (or multiple) 10-kΩ resistor(s).
•
All PCI control pins can be grouped together and tied to OVDD through a single 10-kΩ resistor.
•
It is optional to disable PCI block through DEVDISR register after POR reset.
21.12 Guideline for LBIU Termination
If the LBIU parity pins are not used, the following is the termination recommendation:
•
For LDP[0:3]—tie them to ground or the power supply rail via a 4.7-k
Ω resistor.
•
For LPBSE—tie it to the power supply rail via a 4.7-k
Ω resistor (pull-up resistor).
22 Ordering Information
Ordering information for the parts fully covered by this specification document is provided in
Section 22.1, “Part Numbers Fully Addressed by this Document.”
22.1
Part Numbers Fully Addressed by this Document
Table 83 provides the Freescale part numbering nomenclature for the MPC8548E. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact your
local Freescale sales office. In addition to the processor frequency, the part numbering scheme also



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com