| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE5569ASTZF62 bảng dữ liệu(PDF) 152 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE5569ASTZF62 bảng dữ liệu(HTML) 152 Page - Analog Devices |
|
152 / 156 page ![]() ADE5166/ADE5169/ADE5566/ADE5569 Rev. B | Page 152 of 156 DETERMINING THE VERSION OF THE ADE5166/ADE5169/ADE5566/ADE5569 Each ADE5166/ADE5169/ADE5566/ADE5569 holds in its internal flash registers a value that defines its version. This value helps to determine if users have the latest version of the part. The version of the ADE5166/ADE5169/ADE5566/ADE5569 that corresponds to this data sheet is ADE5166/ADE5169/ADE5566/ADE5569 V2.3. This value can be accessed as follows: 1. Launch HyperTerminal with a 9600 baud rate. 2. Put the part in serial download mode by first holding SDEN to logic low, then resetting the part. 3. Hold the SDEN pin. 4. Press and release the RESET pin. A string should appear on the HyperTerminal containing the part name and version number, for example, ADE5166V2.3, ADE5169V2.3, ADE5566V2.3, or ADE5569V2.3. |