| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega48PA bảng dữ liệu(PDF) 254 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega48PA bảng dữ liệu(HTML) 254 Page - ATMEL Corporation |
|
254 / 448 page ![]() 254 8161D–AVR–10/09 ATmega48PA/88PA/168PA/328P In Free Running mode, a new conversion will be started immediately after the conversion com- pletes, while ADSC remains high. For a summary of conversion times, see Table 23-1 on page 255. Figure 23-4. ADC Timing Diagram, First Conversion (Single Conversion Mode) Figure 23-5. ADC Timing Diagram, Single Conversion Figure 23-6. ADC Timing Diagram, Auto Triggered Conversion Sign and MSB of Result LSB of Result ADC Clock ADSC Sample & Hold ADIF ADCH ADCL Cycle Number ADEN 1 212 13 14 15 16 17 18 19 20 21 22 23 24 25 1 2 First Conversion Next Conversion 3 MUX and REFS Update MUX and REFS Update Conversion Complete 1 2 3 4 5 6 7 8 9 10 11 12 13 Sign and MSB of Result LSB of Result ADC Clock ADSC ADIF ADCH ADCL Cycle Number 12 One Conversion Next Conversion 3 Sample & Hold MUX and REFS Update Conversion Complete MUX and REFS Update 1 2 3 4 5 6 7 8 9 10 11 12 13 Sign and MSB of Result LSB of Result ADC Clock Trigger Source ADIF ADCH ADCL Cycle Number 12 One Conversion Next Conversion Conversion Complete Prescaler Reset ADATE Prescaler Reset Sample & Hold MUX and REFS Update |