| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega16A bảng dữ liệu(PDF) 284 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega16A bảng dữ liệu(HTML) 284 Page - ATMEL Corporation |
|
284 / 352 page ![]() 284 8154B–AVR–07/09 ATmega16A Figure 26-10. Programming Enable Register 26.10.10 Programming Command Register The Programming Command Register is a 15-bit register. This register is used to serially shift in programming commands, and to serially shift out the result of the previous command, if any. The JTAG Programming Instruction Set is shown in Table 26-14. The state sequence when shifting in the programming commands is illustrated in Figure 26-12. Figure 26-11. Programming Command Register TDI TDO D A T A = DQ ClockDR & PROG_ENABLE Programming Enable $A370 TDI TDO S T R O B E S A D D R E S S / D A T A Flash EEPROM Fuses Lock Bits |