| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega16A bảng dữ liệu(PDF) 279 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega16A bảng dữ liệu(HTML) 279 Page - ATMEL Corporation |
|
279 / 352 page ![]() 279 8154B–AVR–07/09 ATmega16A Notes: 1. Not all instructions are applicable for all parts. 2. a = address 3. Bits are programmed ‘0’, unprogrammed ‘1’. 4. To ensure future compatibility, unused Fuses and Lock bits should be unprogrammed (‘1’) . 5. Refer to the correspondig section for Fuse and Lock bits, Calibration and Signature bytes and Page size. 6. See htt://www.atmel.com/avr for Application Notes regarding programming and programmers. If the LSB in RDY/BSY data byte out is ‘1’, a programming operation is still pending. Wait until this bit returns ‘0’ before the next instruction is carried out. Within the same page, the low data byte must be loaded prior to the high data byte. After data is loaded to the page buffer, program the EEPROM page, see Figure 26-8 on page 280. Read Calibration Byte $38 $00 $0b00 000bb data byte out Write Instructions Write Program Memory Page $4C 000a aaaa aa00 0000 $00 Write EEPROM Memory $C0 adr MSB adr LSB data byte in Write EEPROM Memory Page (page access)(1) $C2 adr MSB adr LSB $00 Write Lock bits $AC $E0 $00 data byte in Write Fuse bits $AC $A0 $00 data byte in Write Fuse High bits $AC $A8 $00 data byte in Write Extended Fuse Bits $AC $A4 $00 data byte in Table 26-13. Serial Programming Instruction Set (Hexadecimal values) (Continued) Instruction(1)/Operation Instruction Format Byte 1 Byte 2 Byte 3 Byte4 |