| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega325P bảng dữ liệu(PDF) 156 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega325P bảng dữ liệu(HTML) 156 Page - ATMEL Corporation |
|
156 / 364 page ![]() 156 8023F–AVR–07/09 ATmega325P/3250P When the SPI is enabled, the data direction of the MOSI, MISO, SCK, and SS pins is overridden according to Table 17-1. For more details on automatic port overrides, refer to ”Alternate Port Functions” on page 69. Note: 1. See ”Alternate Functions of Port B” on page 71 for a detailed description of how to define the direction of the user defined SPI pins. Table 17-1. SPI Pin Overrides (1) Pin Direction, Master SPI Direction, Slave SPI MOSI User Defined Input MISO Input User Defined SCK User Defined Input SS User Defined Input |