công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATtiny48-MU bảng dữ liệu(PDF) 114 Page - ATMEL Corporation

tên linh kiện ATtiny48-MU
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MU bảng dữ liệu(HTML) 114 Page - ATMEL Corporation

Back Button ATtiny48-MU Datasheet HTML 110Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 111Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 112Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 113Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 114Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 115Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 116Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 117Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 266 page
background image
114
8008C–AVR–03/09
ATtiny48/88
When the TSM bit is written to zero, the PSRSYNC bit are cleared by hardware, and the
Timer/Counters start counting simultaneously.
• Bits 6..1 – Reserved
These bits are reserved and will always read zero.
• Bit 0 – PSRSYNC: Prescaler Reset
When this bit is one, Timer/Counter1 and Timer/Counter0 prescaler will be Reset. This bit is nor-
mally cleared immediately by hardware, except if the TSM bit is set. Note that Timer/Counter1
and Timer/Counter0 share the same prescaler and a reset of this prescaler will affect both
timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More