| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATtiny261-ESMZ bảng dữ liệu(PDF) 186 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny261-ESMZ bảng dữ liệu(HTML) 186 Page - ATMEL Corporation |
|
186 / 227 page ![]() 186 7753C–AVR–07/09 ATtiny261/ATtiny461/ATtiny861 Notes: 1. Not all instructions are applicable for all parts. 2. a = address 3. Bits are programmed ‘0’, unprogrammed ‘1’. 4. To ensure future compatibility, unused Fuses and Lock bits should be unprogrammed (‘1’). 5. Refer to the corresponding section for Fuse and Lock bits, Calibration and Signature bytes and Page size. 6. Instructions accessing program memory use a word address. This address may be random within the page range. 7. See http://www.atmel.com/avr for Application Notes regarding programming and programmers. If the LSB in RDY/BSY data byte out is ‘1’, a programming operation is still pending. Wait until this bit returns ‘0’ before the next instruction is carried out. Within the same page, the low data byte must be loaded prior to the high data byte. After data is loaded to the page buffer, program the EEPROM page, see Figure 22-8 on page 186. Figure 22-8. Serial Programming Instruction example Write Fuse bits $AC $A0 $00 data byte in Write Fuse High bits $AC $A8 $00 data byte in Write Extended Fuse Bits $AC $A4 $00 data byte in Table 22-15. Serial Programming Instruction Set (Continued) Instruction/Operation Instruction Format Byte 1 Byte 2 Byte 3 Byte4 Byte 1 Byte 2 Byte 3 Byte 4 Adr LSB Bit 15 B 0 Serial Programming Instruction Program Memory/ EEPROM Memory Page 0 Page 1 Page 2 Page N-1 Page Buffer Write Program Memory Page/ Write EEPROM Memory Page Load Program Memory Page (High/Low Byte)/ Load EEPROM Memory Page (page access) Byte 1 Byte 2 Byte 3 Byte 4 Bit 15 B 0 Adr MSB Page Offset Page Number Adr M MS SB A A Adrr L LSB B |