công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS1893 bảng dữ liệu(PDF) 146 Page - Integrated Circuit Systems

tên linh kiện ICS1893
Giải thích chi tiết về linh kiện  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 bảng dữ liệu(HTML) 146 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 142Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 143Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 144Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 145Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 146Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 147Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 148Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 149Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 150Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 152 page
background image
Chapter 10
DC and AC Operating Conditions
ICS1893 Rev C 6/6/00
June, 2000
146
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
10.5.20
10Base-T: Jabber Timing
Table 10-27 lists the significant time periods for the 10Base-T jabber. The time periods consist of timings of
signals on the following pins:
• TXEN
• TP_TX (that is, TP_TXP and TP_TXN)
• COL
Figure 10-21 shows the timing diagram for the time periods.
Note:
For more information on 10Base-T jabber operations, see Section 7.5.9, “10Base-T Operation:
Jabber”.
Figure 10-21.
10Base-T Jabber Timing Diagram
Table 10-27.
10Base-T Jabber Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
Jabber Activation Time
10Base-T Half Duplex
20
–
35
ms
t2
Jabber De-Activation Time
10Base-T Half Duplex
300
–
325
ms
TXEN
TP_TX
COL
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More