công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS1893 bảng dữ liệu(PDF) 121 Page - Integrated Circuit Systems

tên linh kiện ICS1893
Giải thích chi tiết về linh kiện  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 bảng dữ liệu(HTML) 121 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 117Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 118Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 119Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 120Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 121Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 122Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 123Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 124Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 125Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 152 page
background image
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893 Rev C 6/6/00
June, 2000
121
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
9.3.5
Reserved Pins
Table 9-8 lists the reserved pins.
Table 9-8.
Reserved Pins
Pin
Name
Pin
Number
Pin
Type
Pin Description
NC
20
–
No Connect.
• This pin is always reserved for use by ICS.
• Depending on the interface that is used, some of the MAC/Repeater
interface pins can also be no-connects. For pins that are no connects
when the interface is the:
– 100M Symbol Interface, see Section 9.3.4.2, “MAC/Repeater
Interface Pins for 100M Symbol Interface”.
– 10M Serial Interface, see Section 9.3.4.3, “MAC/Repeater Interface
Pins for 10M Serial Interface”.
Caution: Pins designated as ‘no-connect’pins must not be connected,
as connecting them can affect the performance of the
ICS1893.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More