công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS1893CFILFT bảng dữ liệu(PDF) 120 Page - Integrated Device Technology

tên linh kiện ICS1893CFILFT
Giải thích chi tiết về linh kiện  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1893CFILFT bảng dữ liệu(HTML) 120 Page - Integrated Device Technology

Back Button ICS1893CFILFT Datasheet HTML 116Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 117Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 118Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 119Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 120Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 121Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 122Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 123Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 124Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 127 page
background image
ICS1893CF, Rev. J, 08/11/09
August, 2009
120
Chapter 9 DC and AC Operating Conditions
ICS1893CF Data Sheet - Release
Copyright © 2009, Integrated Device Technology, Inc.
All rights reserved.
9.5.18 10Base-T: Jabber Timing
Table 9-25 lists the significant time periods for the 10Base-T jabber. The time periods consist of timings of
signals on the following pins:
• TXEN
• TP_TX (that is, TP_TXP and TP_TXN)
• COL
Figure 9-19 shows the timing diagram for the time periods.
Note: For more information on 10Base-T jabber operations, see Section 6.5.9, “10Base-T Operation:
Jabber”.
Figure 9-19. 10Base-T Jabber Timing Diagram
Table 9-25. 10Base-T Jabber Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
Jabber Activation Time
10Base-T Half Duplex
20
–
35
ms
t2
Jabber De-Activation Time
10Base-T Half Duplex
300
–
325
ms
TXEN
TP_TX
COL
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More