| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893CF bảng dữ liệu(PDF) 104 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS1893CF bảng dữ liệu(HTML) 104 Page - Integrated Device Technology |
|
104 / 127 page ![]() ICS1893CF, Rev. J, 08/11/09 August, 2009 104 Chapter 9 DC and AC Operating Conditions ICS1893CF Data Sheet - Release Copyright © 2009, Integrated Device Technology, Inc. All rights reserved. 9.5.2 Timing for Transmit Clock (TXCLK) Pins Table 9-9 lists the significant time periods for signals on the Transmit Clock (TXCLK) pins for the various interfaces. Figure 9-3 shows the timing diagram for the time periods. Figure 9-3. Transmit Clock Timing Diagram Table 9-9. Transmit Clock Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXCLK Duty Cycle – 35 50 65 % t2a TXCLK Period 100M MII (100Base-TX) – 40 – ns t2b TXCLK Period 10M MII (10Base-T) – 400 – ns t1 t2x TXCLK |