| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8379ECVRALFA bảng dữ liệu(PDF) 112 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8379ECVRALFA bảng dữ liệu(HTML) 112 Page - Freescale Semiconductor, Inc |
|
112 / 114 page ![]() MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 112 Freescale Semiconductor Ordering Information Table 82 shows the SVR and PVR settings by device. 25.2 Part Marking Parts are marked as in the example shown in Figure 64. Figure 64. Freescale Part Marking for TePBGA II Devices Table 82. SVR and PVR Settings by Product Revision Device Package SVR PVR Rev 1.0 Rev. 2.1 Rev. 1.0 Rev. 2.1 MPC8377 TePBGA II 0x80C7_0010 0x80C7_0021 0x8086_1010 0x8086_1011 MPC8377E 0x80C6_0010 0x80C6_0021 MPC8378 0x80C5_0010 0x80C5_0021 MPC8378E 0x80C4_0010 0x80C4_0021 MPC8379 0x80C3_0010 0x80C3_0021 MPC8379E 0x80C2_0010 0x80C2_0021 MPCnnnnetppaaar core/platform MHZ ATWLYYWW CCCCC TePBGA II *MMMMM YWWLAZ Notes: ATWLYYWW is the traceability code. CCCCC is the country code. MMMMM is the mask number. YWWLAZ is the assembly traceability code. |