| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F44J10-I/MLQTP bảng dữ liệu(PDF) 193 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-I/MLQTP bảng dữ liệu(HTML) 193 Page - Microchip Technology |
|
193 / 368 page ![]() © 2009 Microchip Technology Inc. DS39682E-page 191 PIC18F45J10 FAMILY 16.4.17.3 Bus Collision During a Stop Condition Bus collision occurs during a Stop condition if: a) After the SDAx pin has been deasserted and allowed to float high, SDAx is sampled low after the BRG has timed out. b) After the SCLx pin is deasserted, SCLx is sampled low before SDAx goes high. The Stop condition begins with SDAx asserted low. When SDAx is sampled low, the SCLx pin is allowed to float. When the pin is sampled high (clock arbitration), the Baud Rate Generator is loaded with SSPxADD<6:0> and counts down to 0. After the BRG times out, SDAx is sampled. If SDAx is sampled low, a bus collision has occurred. This is due to another master attempting to drive a data ‘0’ (Figure 16-31). If the SCLx pin is sampled low before SDAx is allowed to float high, a bus collision occurs. This is another case of another master attempting to drive a data ‘0’ (Figure 16-32). FIGURE 16-31: BUS COLLISION DURING A STOP CONDITION (CASE 1) FIGURE 16-32: BUS COLLISION DURING A STOP CONDITION (CASE 2) SDAx SCLx BCLxIF PEN P SSPxIF TBRG TBRG TBRG SDAx asserted low SDAx sampled low after TBRG, set BCLxIF ‘0’ ‘0’ SDAx SCLx BCLxIF PEN P SSPxIF TBRG TBRG TBRG Assert SDAx SCLx goes low before SDAx goes high, set BCLxIF ‘0’ ‘0’ |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |