| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2420-E/P bảng dữ liệu(PDF) 407 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2420-E/P bảng dữ liệu(HTML) 407 Page - Microchip Technology |
|
407 / 412 page ![]() DS39631E-page 405 © 2008 Microchip Technology Inc. PIC18F2420/2520/4420/4520 CLKO and I/O............................................................344 Clock Synchronization...............................................181 Clock/Instruction Cycle................................................57 EUSART Synchronous Receive (Master/Slave)...................................................359 EUSART Synchronous Transmission (Master/Slave)...................................................358 Example SPI Master Mode (CKE = 0).......................349 Example SPI Master Mode (CKE = 1).......................350 Example SPI Slave Mode (CKE = 0).........................351 Example SPI Slave Mode (CKE = 1).........................353 External Clock (All Modes Except PLL) ....................342 Fail-Safe Clock Monitor (FSCM) ...............................262 First Start Bit Timing..................................................189 Full-Bridge PWM Output ...........................................153 Half-Bridge PWM Output...........................................152 High/Low-Voltage Detect Characteristics..................339 High-Voltage Detect Operation (VDIRMAG = 1) .......246 I2C Bus Data .............................................................354 I2C Bus Start/Stop Bits..............................................354 I2C Master Mode (7 or 10-Bit Transmission).............192 I2C Master Mode (7-Bit Reception) ...........................193 I2C Slave Mode (10-Bit Reception, SEN = 0)............178 I2C Slave Mode (10-Bit Reception, SEN = 1)............183 I2C Slave Mode (10-Bit Transmission)......................179 I2C Slave Mode (7-Bit Reception, SEN = 0)..............176 I2C Slave Mode (7-Bit Reception, SEN = 1)..............182 I2C Slave Mode (7-Bit Transmission)........................177 I2C Slave Mode General Call Address Sequence (7 or 10-Bit Addressing Mode) .........184 I2C Stop Condition Receive or Transmit Mode .........194 Low-Voltage Detect Operation (VDIRMAG = 0)........245 Master SSP I2C Bus Data .........................................356 Master SSP I2C Bus Start/Stop Bits..........................356 Parallel Slave Port (PIC18F4420/4520) ....................348 Parallel Slave Port (PSP) Read ................................121 Parallel Slave Port (PSP) Write.................................121 PWM Auto-Shutdown (PRSEN = 0, Auto-Restart Disabled)......................................158 PWM Auto-Shutdown (PRSEN = 1, Auto-Restart Enabled).......................................158 PWM Direction Change.............................................155 PWM Direction Change at Near 100% Duty Cycle...............................................155 PWM Output..............................................................144 Repeated Start Condition..........................................190 Reset, Watchdog Timer, Oscillator Start-up Timer, Power-up Timer .....................................345 Send Break Character Sequence .............................216 Slave Synchronization...............................................167 Slow Rise Time (MCLR Tied to VDD, VDD Rise > TPWRT) .............................................47 SPI Mode (Master Mode) ..........................................166 SPI Mode (Slave Mode, CKE = 0).............................168 SPI Mode (Slave Mode, CKE = 1).............................168 Synchronous Reception (Master Mode, SREN)........219 Synchronous Transmission.......................................217 Synchronous Transmission (Through TXEN) ...........218 Time-out Sequence on POR w/PLL Enabled (MCLR Tied to VDD) ............................................47 Time-out Sequence on Power-up (MCLR Not Tied to VDD, Case 1) ........................46 Time-out Sequence on Power-up (MCLR Not Tied to VDD, Case 2) ........................46 Time-out Sequence on Power-up (MCLR Tied to VDD, VDD Rise < TPWRT) ............ 46 Timer0 and Timer1 External Clock ........................... 346 Transition for Entry to Idle Mode................................. 38 Transition for Entry to SEC_RUN Mode ..................... 35 Transition for Entry to Sleep Mode ............................. 37 Transition for Two-Speed Start-up (INTOSC to HSPLL) ......................................... 260 Transition for Wake from Idle to Run Mode ........................................................... 38 Transition for Wake from Sleep (HSPLL) ................... 37 Transition from RC_RUN Mode to PRI_RUN Mode .................................................. 36 Transition from SEC_RUN Mode to PRI_RUN Mode (HSPLL) ................................... 35 Transition to RC_RUN Mode ...................................... 36 Timing Diagrams and Specifications................................. 342 A/D Conversion Requirements ................................. 360 Capture/Compare/PWM (CCP) Requirements ................................................... 347 CLKO and I/O Requirements .................................... 344 EUSART Synchronous Receive Requirements ................................................... 359 EUSART Synchronous Transmission Requirements ................................................... 358 Example SPI Mode Requirements (Master Mode, CKE = 0)................................... 349 Example SPI Mode Requirements (Master Mode, CKE = 1)................................... 350 Example SPI Mode Requirements (Slave Mode, CKE = 0)..................................... 352 Example SPI Mode Requirements (Slave Mode, CKE = 1)..................................... 353 External Clock Requirements ................................... 342 I2C Bus Data Requirements (Slave Mode) ............... 355 Master SSP I2C Bus Data Requirements ................................................... 357 Master SSP I2C Bus Start/Stop Bits Requirements ................................................... 356 Parallel Slave Port Requirements (PIC18F4420/4520) .......................................... 348 PLL Clock ................................................................. 343 Reset, Watchdog Timer, Oscillator Start-up Timer, Power-up Timer and Brown-out Reset Requirements ......................................... 345 Timer0 and Timer1 External Clock Requirements ................................................... 346 Top-of-Stack Access........................................................... 54 TRISE Register PSPMODE Bit........................................................... 114 TSTFSZ ............................................................................ 307 Two-Speed Start-up.................................................. 249, 260 Two-Word Instructions Example Cases........................................................... 58 TXSTA Register BRGH Bit .................................................................. 205 V Voltage Reference Specifications ..................................... 338 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |