| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7263BHX bảng dữ liệu(PDF) 115 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BHX bảng dữ liệu(HTML) 115 Page - STMicroelectronics |
|
115 / 186 page ![]() ST7263Bxx On-chip peripherals Doc ID 7516 Rev 8 115/186 Figure 48. Transfer sequencing 1. Legend: S=Start, P=Stop, A=Acknowledge, NA=Non-acknowledge EVx=Event (with interrupt if ITE=1)EV1: EVF=1, ADSL=1, cleared by reading the SR1 register. EV2: EVF=1, BTF=1, cleared by reading the SR1 register followed by reading the DR register. EV3: EVF=1, BTF=1, cleared by reading the SR1 register followed by writing the DR register. EV3-1: EVF=1, AF=1, BTF=1; AF is cleared by reading the SR1 register. The BTF is cleared by releasing the lines (STOP=1, STOP=0) or by writing the DR register (DR=FFh). Note: If lines are released by STOP=1, STOP=0, the subsequent EV4 is not seen. EV4: EVF=1, STOPF=1, cleared by reading the SR2 register. EV5: EVF=1, SB=1, cleared by reading the SR1 register followed by writing the DR register. EV6: EVF=1, cleared by reading the SR1 register followed by writing the CR register (for example PE=1). EV7: EVF=1, BTF=1, cleared by reading the SR1 register followed by reading the DR register. EV8: EVF=1, BTF=1, cleared by reading the SR1 register followed by writing the DR register. Table 37. Slave receiver S Addres s A Data1 A Data2 A ..... DataN A P EV 1 EV 2 EV 2 EV 2 EV 4 Table 38. Slave Transmitter S Addres s A Data1 A Data2 A ..... DataN N A P EV 1 EV 3 EV 3 EV 3 EV3 -1 EV 4 Table 39. Master receiver S Addres s A Data1 A Data2 A ..... DataN N A P EV 5 EV 6 EV 7 EV 7 EV 7 Table 40. Master Transmitter S Addres s A Data1 A Data2 A ..... DataN A P EV 5 EV 6 EV 8 EV 8 EV 8 EV 8 |