công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS-117 bảng dữ liệu(PDF) 6 Page - Murata Power Solutions Inc.

tên linh kiện ADS-117
Giải thích chi tiết về linh kiện  12-Bit, 2MHz, Low-Power Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-117 bảng dữ liệu(HTML) 6 Page - Murata Power Solutions Inc.

  ADS-117 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-117 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-117 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-117 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-117 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-117 Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MECHANICAL DIMENSIONS INCHES (mm)
ORDERING INFORMATION
MODEL NUMBER
OPERATING TEMP. RANGE
ACCESSORIES
ADS-117MC
0 to +70°C
ADS-EVAL1
Evaluation Board (without ADS-117)
ADS-117ME
–40 to +85°C
HS-24
Heat Sink for all ADS-117 models
ADS-117MM
–55 to +125°C
ADS-117/883
–55 to +125°C
For MIL-STD-883 product specification or availability of surface-mount packaging, contact DATEL. Receptacles for PC mounting can be ordered through AMP
Inc., Part # 3-331272-8 (Component Lead Socket), 24 required.
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
112
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
PIN 1 INDEX
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2009 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
03/23/09
ADS-117
12-Bit, 2MHz, Low-Power Sampling A/D Converters
MDA_ADS-117.B01 Page 6 of 6


Số phần tương tự - ADS-117

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-117-C/883 DATEL-ADS-117-C/883 Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-117-C883 DATEL-ADS-117-C883 Datasheet
106Kb / 1P
Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-117/883 ETC-ADS-117/883 Datasheet
165Kb / 6P
12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-117883 DATEL-ADS-117883 Datasheet
106Kb / 1P
Sampling A/D Converters
More results

Mô tả tương tự - ADS-117

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-929 MURATA-PS-ADS-929 Datasheet
192Kb / 8P
14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-942A ETC1-ADS-942A Datasheet
76Kb / 6P
14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
16-Bit, 2MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
14-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com