| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX2000-1CS896M bảng dữ liệu(PDF) 127 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896M bảng dữ liệu(HTML) 127 Page - Actel Corporation |
|
127 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-21 NC G4 NC H14 NC H15 NC H5 NC J1 NC J14 NC J15 NC J5 NC K14 NC K15 NC K5 NC L14 NC L15 NC L5 NC M4 NC M5 NC N17 NC N4 NC N5 NC R12 NC R13 NC R6 NC R7 NC T12 NC T6 NC U16 NC V17 PRA E9 PRB D9 PRC P10 PRD R10 TCK E6 TDI D7 TDO D5 TMS D4 TRST D6 VCCA E15 VCCA G10 324-Pin FBGA AX125 Function Pin Number VCCA G11 VCCA G5 VCCA G8 VCCA G9 VCCA H12 VCCA H7 VCCA J12 VCCA J7 VCCA K12 VCCA K7 VCCA L12 VCCA L7 VCCA M10 VCCA M11 VCCA M8 VCCA M9 VCCA P4 VCCA R15 VCCPLA D8 VCCPLB E7 VCCPLC B11 VCCPLD E11 VCCPLE R11 VCCPLF P12 VCCPLG U8 VCCPLH P8 VCCDA B3 VCCDA D14 VCCDA E10 VCCDA J2 VCCDA K16 VCCDA P15 VCCDA P9 VCCDA R5 VCCIB0 F7 VCCIB0 F8 VCCIB0 F9 VCCIB1 F10 324-Pin FBGA AX125 Function Pin Number VCCIB1 F11 VCCIB1 F12 VCCIB2 G13 VCCIB2 H13 VCCIB2 J13 VCCIB3 K13 VCCIB3 L13 VCCIB3 M13 VCCIB4 N10 VCCIB4 N11 VCCIB4 N12 VCCIB5 N7 VCCIB5 N8 VCCIB5 N9 VCCIB6 K6 VCCIB6 L6 VCCIB6 M6 VCCIB7 G6 VCCIB7 H6 VCCIB7 J6 VCOMPLA B8 VCOMPLB E8 VCOMPLC C10 VCOMPLD E12 VCOMPLE U11 VCOMPLF P11 VCOMPLG T9 VCOMPLH P7 VPUMP B15 324-Pin FBGA AX125 Function Pin Number |