| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX2000-1CS896PP bảng dữ liệu(PDF) 217 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896PP bảng dữ liệu(HTML) 217 Page - Actel Corporation |
|
217 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-111 IO172NB4F16 W20 IO172PB4F16 Y20 IO173NB4F16 AD21 IO173PB4F16 AD22 IO174NB4F16 AA19 IO176NB4F16 Y18 IO176PB4F16 Y19 IO177NB4F16 AB19 IO177PB4F16 AB18 IO182NB4F17 V19 IO182PB4F17 W19 IO183PB4F17 AC19 IO184NB4F17 AB17 IO184PB4F17 AC17 IO185NB4F17 AD19 IO185PB4F17 AD20 IO187PB4F17 AC18 IO188NB4F17 Y17 IO188PB4F17 AA17 IO189PB4F17 AE22 IO191NB4F17 W18 IO191PB4F17 V18 IO192PB4F17 U18 IO195PB4F18 AE21 IO196NB4F18 AB16 IO197NB4F18 AD17 IO197PB4F18 AD18 IO198NB4F18 V17 IO198PB4F18 W17 IO199NB4F18 AE19 IO199PB4F18 AE20 IO200NB4F18 AC15 IO201NB4F18 AD15 IO201PB4F18 AD16 IO202NB4F18 Y15 IO202PB4F18 Y16 624-Pin CCGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO206NB4F19 AB14 IO206PB4F19 AB15 IO207NB4F19 AE15 IO207PB4F19 AE16 IO208PB4F19 W16 IO209NB4F19 AE14 IO210NB4F19 V15 IO210PB4F19 V16 IO211NB4F19 AD14 IO211PB4F19 AC14 IO212NB4F19/CLKEN W14 IO212PB4F19/CLKEP W15 IO213NB4F19/CLKFN AC13 IO213PB4F19/CLKFP AD13 Bank 5 IO214NB5F20/CLKGN W13 IO214PB5F20/CLKGP Y13 IO215NB5F20/CLKHN AC12 IO215PB5F20/CLKHP AD12 IO216NB5F20 U13 IO216PB5F20 V13 IO217NB5F20 AE10 IO217PB5F20 AE11 IO218NB5F20 W11 IO218PB5F20 W12 IO222NB5F20 AA11 IO222PB5F20 Y11 IO223PB5F21 AE9 IO225NB5F21 AE6 IO225PB5F21 AE7 IO226NB5F21 Y10 IO226PB5F21 W10 IO227PB5F21 T13 IO228NB5F21 AB10 IO228PB5F21 AB11 IO229NB5F21 AD9 624-Pin CCGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO229PB5F21 AD10 IO230NB5F21 V11 IO233NB5F21 AD7 IO233PB5F21 AD8 IO234NB5F21 V9 IO234PB5F21 V10 IO236NB5F22 AC9 IO238NB5F22 W8 IO238PB5F22 W9 IO239NB5F22 AE4 IO239PB5F22 AE5 IO240NB5F22 AB9 IO242NB5F22 AA9 IO242PB5F22 Y9 IO243NB5F22 AD5 IO243PB5F22 AD6 IO244NB5F22 U8 IO246NB5F23 AB8 IO246PB5F23 AC8 IO247NB5F23 AB7 IO247PB5F23 AC7 IO250NB5F23 AA8 IO250PB5F23 Y8 IO251NB5F23 V8 IO251PB5F23 V7 IO252NB5F23 Y7 IO252PB5F23 W7 IO253NB5F23 AC5 IO253PB5F23 AC6 IO254NB5F23 Y6 IO254PB5F23 W6 IO256NB5F23 AB6* IO256PB5F23 AA6* Bank 6 IO257NB6F24 Y3 IO257PB6F24 AA3 624-Pin CCGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |