| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX2000-1CS896 bảng dữ liệu(PDF) 168 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896 bảng dữ liệu(HTML) 168 Page - Actel Corporation |
|
168 / 226 page ![]() Axcelerator Family FPGAs 3- 62 v2.7 IO238PB5F22 AF10 IO239NB5F22 AH8 IO239PB5F22 AH9 IO240NB5F22 AC10 IO240PB5F22 AD10 IO242NB5F22 AE9 IO242PB5F22 AE10 IO243NB5F22 AJ7 IO243PB5F22 AJ8 IO244NB5F22 AK6 IO244PB5F22 AK7 IO245NB5F23 AF8 IO245PB5F23 AG8 IO246NB5F23 AD8 IO246PB5F23 AD9 IO247NB5F23 AG7 IO247PB5F23 AH7 IO248NB5F23 AK5 IO249NB5F23 AJ5 IO249PB5F23 AJ6 IO250NB5F23 AC8 IO250PB5F23 AC9 IO251NB5F23 AH6 IO251PB5F23 AG6 IO252NB5F23 AF6 IO252PB5F23 AF7 IO253NB5F23 AG2 IO253PB5F23 AG1 IO254NB5F23 AE7 IO254PB5F23 AE8 IO255NB5F23 AG5 IO255PB5F23 AH5 IO256NB5F23 AJ4 IO256PB5F23 AK4 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. Bank 6 IO257NB6F24 AE4 IO257PB6F24 AF4 IO258NB6F24 AB7 IO258PB6F24 AC7 IO259NB6F24 AD5 IO259PB6F24 AE5 IO260NB6F24 AF1 IO260PB6F24 AF2 IO261NB6F24 AF3 IO261PB6F24 AG3 IO262NB6F24 AC4 IO262PB6F24 AD4 IO263NB6F24 AD3 IO263PB6F24 AE3 IO264NB6F24 AB6 IO264PB6F24 AC6 IO265NB6F24 AD1 IO265PB6F24 AE1 IO266NB6F24 AA8 IO266PB6F24 AB8 IO267NB6F25 AB5 IO267PB6F25 AC5 IO268NB6F25 AB3 IO268PB6F25 AC3 IO269NB6F25 AC2 IO269PB6F25 AD2 IO270NB6F25 Y7 IO270PB6F25 AA7 IO271NB6F25 AA4 IO271PB6F25 AB4 IO272NB6F25 Y6 IO272PB6F25 AA6 IO273NB6F25 AB1* 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO273PB6F25 AE2* IO274NB6F25 W8 IO274PB6F25 Y8 IO275NB6F25 Y5 IO275PB6F25 AA5 IO277NB6F25 AA2 IO277PB6F25 AA1 IO278NB6F26 W6 IO278PB6F26 W7 IO279NB6F26 Y3 IO279PB6F26 Y4 IO280NB6F26 V8 IO280PB6F26 V9 IO281NB6F26 Y1 IO281PB6F26 Y2 IO282NB6F26 V5 IO282PB6F26 W5 IO284NB6F26 V7 IO284PB6F26 V6 IO285NB6F26 W3 IO285PB6F26 W4 IO286NB6F26 U8 IO286PB6F26 U9 IO287NB6F26 W1 IO287PB6F26 W2 IO288NB6F26 U7 IO288PB6F26 U6 IO290NB6F27 U4 IO290PB6F27 V4 IO291NB6F27 U3 IO291PB6F27 V3 IO292NB6F27 T5 IO292PB6F27 U5 IO293NB6F27 U2 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |