| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX2000-1CS896 bảng dữ liệu(PDF) 131 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896 bảng dữ liệu(HTML) 131 Page - Actel Corporation |
|
131 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-25 IO110NB7F7 K5 IO110PB7F7 L5 IO111NB7F7 K6 IO111PB7F7 L6 IO112NB7F7 K4 IO112PB7F7 K3 IO113NB7F7 K7 IO113PB7F7 L7 IO114NB7F7 H1 IO114PB7F7 J1 IO115NB7F7 H2 IO115PB7F7 J2 IO116NB7F7 H4 IO116PB7F7 J4 IO117NB7F7 H5 IO117PB7F7 J5 IO118NB7F7 F2 IO118PB7F7 G2 IO119NB7F7 H6 IO119PB7F7 J6 IO120NB7F7 F1 IO120PB7F7 G1 IO121NB7F7 F4 IO121PB7F7 G4 IO122NB7F7 G5 IO122PB7F7 G6 IO123NB7F7 F5 IO123PB7F7 E4 Dedicated I/O VCCDA H7 GND A1 GND A11 GND A12 GND A2 GND A21 GND A22 GND AA1 GND AA2 484-Pin FBGA AX250 Function Pin Number GND AA21 GND AA22 GND AB1 GND AB11 GND AB12 GND AB2 GND AB21 GND AB22 GND B1 GND B2 GND B21 GND B22 GND C20 GND C3 GND D19 GND D4 GND E18 GND E5 GND G18 GND H15 GND H8 GND J14 GND J9 GND K10 GND K11 GND K12 GND K13 GND L1 GND L10 GND L11 GND L12 GND L13 GND L22 GND M1 GND M10 GND M11 GND M12 GND M13 484-Pin FBGA AX250 Function Pin Number GND M22 GND N10 GND N11 GND N12 GND N13 GND P14 GND P9 GND R15 GND R8 GND U16 GND U6 GND V18 GND V5 GND W19 GND W4 GND Y20 GND Y3 GND/LP G7 NC A17 NC A18 NC A19 NC A4 NC A5 NC AA11 NC AA12 NC AA18 NC AA19 NC AA4 NC AB16 NC AB17 NC AB4 NC AB7 NC AB8 NC B11 NC B12 NC B17 NC B18 NC B19 484-Pin FBGA AX250 Function Pin Number |