| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9202 bảng dữ liệu(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
9202 bảng dữ liệu(HTML) 121 Page - STMicroelectronics |
|
121 / 175 page ![]() 121/175 UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV Decode PLD (DPLD) The DPLD, shown in Figure 59, is used for decod- ing the address for PSD MODULE and external components. The DPLD can be used to generate the following decode signals: s 8 Sector Select (FS0-FS7) signals for the primary Flash memory (three product terms each) s 4 Sector Select (CSBOOT0-CSBOOT3) signals for the secondary Flash memory (three product terms each) s 1 internal SRAM Select (RS0) signal (two product terms) s 1 internal CSIOP Select signal (selects the PSD MODULE registers) s 2 internal Peripheral Select signals (Peripheral I/O Mode). Figure 59. DPLD Logic Array Note: 1. Port A inputs are not available in the 52-pin package 2. Inputs from the MCU module (INPUTS) (20) (8) (16) (1) PDN (APD OUTPUT) I /O PORTS (PORT A,B,C)1 (8) PGR0 - PGR7 (8) MCELLAB.FB [7:0] (FEEDBACKS) MCELLBC.FB [7:0] (FEEDBACKS) A[15:0]2 (2) (4) PD[2:1] PSEN, RD, WR, ALE2 (1) (1) RESET 2 RD_BSY RS0 CSIOP PSEL0 PSEL1 8 PRIMARY FLASH MEMORY SECTOR SELECTS SRAM SELECT I/O DECODER SELECT PERIPHERAL I/O MODE SELECT CSBOOT 0 CSBOOT 1 CSBOOT 2 CSBOOT 3 FS0 FS7 3 3 3 3 3 3 3 3 3 3 3 3 2 AI06601 FS1 FS2 FS3 FS6 FS5 FS4 1 1 1 |