| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT83R5122XXX-RDTUM bảng dữ liệu(PDF) 104 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83R5122XXX-RDTUM bảng dữ liệu(HTML) 104 Page - ATMEL Corporation |
|
104 / 208 page ![]() 104 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Bulk/Interrupt IN Transactions in Ping-Pong Mode Figure 57. Bulk / Interrupt IN transactions in Ping-Pong mode An endpoint will be first enabled and configured before being able to send Bulk or Inter- rupt packets. The firmware will fill the FIFO bank 0 with the data to be sent and set the TXRDY bit in the UEPSTAX register to allow the USB controller to send the data stored in FIFO at the next IN request concerning the endpoint. The FIFO banks are automatically switched, and the firmware can immediately write into the endpoint FIFO bank 1. When the IN packet concerning the bank 0 has been sent and acknowledged by the Host, the TXCMPL bit is set by the USB controller. This triggers a USB interrupt if enabled. The firmware will clear the TXCMPL bit before filling the endpoint FIFO bank 0 with new data. The FIFO banks are then automatically switched. When the IN packet concerning the bank 1 has been sent and acknowledged by the Host, the TXCMPL bit is set by the USB controller. This triggers a USB interrupt if enabled. The firmware will clear the TXCMPL bit before filling the endpoint FIFO bank 1 with new data. The bank switch is performed by the USB controller each time the TXRDY bit is set by the firmware. Until the TXRDY bit has been set by the firmware for an endpoint bank, the USB controller will answer a NAK handshake for each IN requests concerning this bank. Note that in the example above, the firmware clears the Transmit Complete bit (TXC- MPL) before setting the Transmit Ready bit (TXRDY). This is done in order to avoid the firmware to clear at the same time the TXCMPL bit for bank 0 and the bank 1. The firmware will never write more bytes than supported by the endpoint FIFO. IN DATA0 (n Bytes) ACK HOST UFI C51 Endpoint FIFO Bank 0 - Write Byte 1 IN NACK TXCMPL Endpoint FIFO Bank 0 - Write Byte 2 Endpoint FIFO Bank 0 - Write Byte n Set TXRDY Endpoint FIFO Bank 1 - Write Byte 1 Endpoint FIFO Bank 1 - Write Byte 2 Endpoint FIFO Bank 1 - Write Byte m Set TXRDY IN DATA1 (m Bytes) ACK Endpoint FIFO Bank 0 - Write Byte 1 Endpoint FIFO Bank 0 - Write Byte 2 Endpoint FIFO Bank 0 - Write Byte p Set TXRDY Clear TXCMPL IN DATA0 (p Bytes) ACK TXCMPL Clear TXCMPL Endpoint FIFO Bank 1 - Write Byte 1 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |