| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38044F7HKP bảng dữ liệu(PDF) 108 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38044F7HKP bảng dữ liệu(HTML) 108 Page - Renesas Technology Corp |
|
108 / 387 page ![]() 1-90 REJ09B0212-0100Z Rev.1.00 Jan 14, 2005 3804 Group (Spec.H) HARDWARE FUNCTIONAL DESCRIPTION (2) ID Code Check Function Use this function in standard serial I/O mode. When the contents of the flash memory are not blank, the ID code sent from the pro- grammer is compared with the ID code written in the flash memory to see if they match. If the ID codes do not match, the commands sent from the programmer are not accepted. The ID code consists of 8-bit data, and its areas are FFD416 to FFDA16. Write a pro- gram which has had the ID code preset at these addresses to the flash memory. Fig. 86 ID code store addresses ROM code protect control ID7 ID6 ID5 ID4 ID3 ID2 ID1 FFDB16 FFDA16 FFD916 FFD816 FFD716 FFD616 FFD516 FFD416 Address Interrupt vector area |