| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38040F7HKP bảng dữ liệu(PDF) 217 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38040F7HKP bảng dữ liệu(HTML) 217 Page - Renesas Technology Corp |
|
217 / 387 page ![]() 2-93 APPLICATION 2.5 Multi-master I2C-BUS interface Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) Fig. 2.5.14 Structure of Interrupt control register 1 Fig. 2.5.15 Structure of Interrupt control register 2 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled Interrupt control register 1 b7 b6 b5 b4 b3 b2 b1 b0 Interrupt control register 1 (ICON1 : address 003E16) b 0 1 2 3 4 5 6 7 Name 0 Functions At reset R W 0 0 0 0 INT0/Timer Z interrupt enable bit INT1 interrupt enable bit Serial I/O1 transmit/SCL, SDA interrupt enable bit Timer X interrupt enable bit Timer Y interrupt enable bit Timer 1 interrupt enable bit Serial I/O1 receive interrupt enable bit 0 : Interrupt disabled 1 : Interrupt enabled Timer 2 interrupt enable bit 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 0 0 Interrupt control register 2 b7 b6 b5 b4 b3 b2 b1 b0 Interrupt control register 2 (ICON2 : address 003F16) b 0 0 1 2 4 Name 0 Functions At reset R W 0 0 0 0 CNTR1/ Serial I/O3 receive interrupt enable bit INT2/I2C interrupt enable bit INT3 interrupt enable bit Serial I/O2/ Timer Z interrupt enable bit 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 5 0 INT4/CNTR2 interrupt enable bit 0 : Interrupt disabled 1 : Interrupt enabled 6 7 0 AD converter/Serial I/O3 transmit interrupt enable bit 0 : Interrupt disabled 1 : Interrupt enabled 0 CNTR0/SCL, SDA interrupt enable bit Fix this bit to 0 . 3 |