| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38043F2HKP bảng dữ liệu(PDF) 153 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38043F2HKP bảng dữ liệu(HTML) 153 Page - Renesas Technology Corp |
|
153 / 387 page ![]() 2-29 APPLICATION 2.3 Timer Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) Fig. 2.3.10 Structure of Interrupt source selection register Interrupt source selection register b7 b6 b5 b4 b3 b2 b1 b0 Interrupt source selection register (INTSEL: address 003916) 0: INT0 interrupt 1: Timer Z interrupt b 0 1 4 2 3 5 6 7 Name 0 Functions At reset R W 0 0 0 0 0 0 INT0/Timer Z interrupt source selection bit (*1) 0: Serial I/O2 interrupt 1: Timer Z interrupt Serial I/O2/Timer Z interrupt source selection bit (*1) 0: INT4 interrupt 1: CNTR2 interrupt INT4/CNTR2 interrupt source selection bit 0: INT2 interrupt 1: I2C interrupt INT2/I2C interrupt source selection bit 0: CNTR0 interrupt 1: SCL, SDA interrupt CNTR0/SCL, SDA interrupt source selection bit (*2) 0: Serial I/O1 transmit interrupt 1: SCL, SDA interrupt Serial I/O1 transmit/ SCL, SDA interrupt source selection bit (*2) CNTR1/Serial I/O3 receive interrupt source selection bit AD converter/Serial I/O3 transmit interrupt source selection bit *1: Do not write 1 to these bits simultaneously. *2: Do not write 1 to these bits simultaneously. 0 0: CNTR1 interrupt 1: Serial I/O3 receive interrupt 0: A/D converter interrupt 1: Serial I/O3 transmit interrupt |