công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3002 bảng dữ liệu(PDF) 115 Page - Renesas Technology Corp

tên linh kiện H8/3002
Giải thích chi tiết về linh kiện  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 bảng dữ liệu(HTML) 115 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 111Page - Renesas Technology Corp H8/3002 Datasheet HTML 112Page - Renesas Technology Corp H8/3002 Datasheet HTML 113Page - Renesas Technology Corp H8/3002 Datasheet HTML 114Page - Renesas Technology Corp H8/3002 Datasheet HTML 115Page - Renesas Technology Corp H8/3002 Datasheet HTML 116Page - Renesas Technology Corp H8/3002 Datasheet HTML 117Page - Renesas Technology Corp H8/3002 Datasheet HTML 118Page - Renesas Technology Corp H8/3002 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 700 page
background image
IRQbF flag is cleared by the execution of interrupt exception handling.
(2) When the IRQaF flag is cleared, there is contention with IRQb generation (IRQaF flag
setting). (IRQbF was 0 when ISR was read to clear the IRQaF flag, but IRQbF is set to 1
before ISR is written to.)
If the above setting conditions (1) to (3) and generation conditions (1) and (3) are all fulfilled,
when the ISR write in generation condition (2) is performed the IRQbF flag will be cleared
inadvertently, and interrupt exception handling will not be executed.
However, this inadvertent clearing of the IRQbF flag will not occur if 0 is written to this flag even
once between generation conditions (1) and (2).
Figure 5-9 IRQnF Flag when Interrupt Exception Handling is not Executed
Either of the methods shown below should be used to prevent this problem.
Method 1
When clearing the IRQaF flag, read ISR as a byte unit instead of using a bit-manipulation
instruction, and write a byte value that clears the IRQaF flag to 0 and sets the other bits to 1.
Example: When a = 0
MOV.B @ISR, R0L
MOV.B #HFE, R0L
MOV.B R0L, @ISR
100
TIER write cycle by CPU
1 read 0 written
1 read 0 written
1 read
IRQaF
IRQbF
0
written
IRQb
executed
1 read 0 written
IMIA exception handling
Generation condition (1)
Generation condition (2)
(Inadvertent clearing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com