công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3002 bảng dữ liệu(PDF) 108 Page - Renesas Technology Corp

tên linh kiện H8/3002
Giải thích chi tiết về linh kiện  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 bảng dữ liệu(HTML) 108 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 104Page - Renesas Technology Corp H8/3002 Datasheet HTML 105Page - Renesas Technology Corp H8/3002 Datasheet HTML 106Page - Renesas Technology Corp H8/3002 Datasheet HTML 107Page - Renesas Technology Corp H8/3002 Datasheet HTML 108Page - Renesas Technology Corp H8/3002 Datasheet HTML 109Page - Renesas Technology Corp H8/3002 Datasheet HTML 110Page - Renesas Technology Corp H8/3002 Datasheet HTML 111Page - Renesas Technology Corp H8/3002 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 700 page
background image
•
If an interrupt condition occurs and the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
•
When the interrupt controller receives one or more interrupt requests, it selects the highest-
priority request, following the IPR interrupt priority settings, and holds other requests
pending. If two or more interrupts with the same IPR setting are requested simultaneously, the
interrupt controller follows the priority order shown in table 5-3.
•
The interrupt controller checks the I bit. If the I bit is cleared to 0, the selected interrupt
request is accepted. If the I bit is set to 1, only NMI is accepted; other interrupt requests are
held pending.
•
When an interrupt request is accepted, interrupt exception handling starts after execution of
the current instruction has been completed.
•
In interrupt exception handling, PC and CCR are saved to the stack area. The PC value that is
saved indicates the address of the first instruction that will be executed after the return from
the interrupt service routine.
•
Next the I bit is set to 1 in CCR, masking all interrupts except NMI.
•
The vector address of the accepted interrupt is generated, and the interrupt service routine
starts executing from the address indicated by the contents of the vector address.
UE = 0: The I and UI bits in the CPU’s CCR and the IPR bits enable three-level masking of IRQ0
to IRQ5 interrupts and interrupts from the on-chip supporting modules.
•
Interrupt requests with priority level 0 are masked when the I bit is set to 1, and are unmasked
when the I bit is cleared to 0.
•
Interrupt requests with priority level 1 are masked when the I and UI bits are both set to 1,
and are unmasked when either the I bit or the UI bit is cleared to 0.
For example, if the interrupt enable bits of all interrupt requests are set to 1, IPRA is set to
H'20, and IPRB is set to H'00 (giving IRQ2 and IRQ3 interrupt requests priority over other
interrupts), interrupts are masked as follows:
a. If I = 0, all interrupts are unmasked (priority order: NMI > IRQ2 > IRQ3 >IRQ0 …).
b. If I = 1 and UI = 0, only NMI, IRQ2, and IRQ3 are unmasked.
c. If I = 1 and UI = 1, all interrupts are masked except NMI.
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com