công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3002 bảng dữ liệu(PDF) 348 Page - Renesas Technology Corp

tên linh kiện H8/3002
Giải thích chi tiết về linh kiện  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 bảng dữ liệu(HTML) 348 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 344Page - Renesas Technology Corp H8/3002 Datasheet HTML 345Page - Renesas Technology Corp H8/3002 Datasheet HTML 346Page - Renesas Technology Corp H8/3002 Datasheet HTML 347Page - Renesas Technology Corp H8/3002 Datasheet HTML 348Page - Renesas Technology Corp H8/3002 Datasheet HTML 349Page - Renesas Technology Corp H8/3002 Datasheet HTML 350Page - Renesas Technology Corp H8/3002 Datasheet HTML 351Page - Renesas Technology Corp H8/3002 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 700 page
background image
10.4.5 Reset-Synchronized PWM Mode
In reset-synchronized PWM mode channels 3 and 4 are combined to produce three pairs of
complementary PWM waveforms, all having one waveform transition point in common.
When reset-synchronized PWM mode is selected TIOCA3, TIOCB3, TIOCA4, TOCXA4, TIOCB4,
and TOCXB4 automatically become PWM output pins, and TCNT3 functions as an up-counter.
Table 10-5 lists the PWM output pins. Table 10-6 summarizes the register settings.
Table 10-5 Output Pins in Reset-Synchronized PWM Mode
Channel
Output Pin
Description
3
TIOCA3
PWM output 1
TIOCB3
PWM output 1´ (complementary waveform to PWM output 1)
4
TIOCA4
PWM output 2
TOCXA4
PWM output 2´ (complementary waveform to PWM output 2)
TIOCB4
PWM output 3
TOCXB4
PWM output 3´ (complementary waveform to PWM output 3)
Table 10-6 Register Settings in Reset-Synchronized PWM Mode
Register
Setting
TCNT3
Initially set to H'0000
TCNT4
Not used (operates independently)
GRA3
Specifies the count period of TCNT3
GRB3
Specifies a transition point of PWM waveforms output from TIOCA3 and TIOCB3
GRA4
Specifies a transition point of PWM waveforms output from TIOCA4 and TOCXA4
GRB4
Specifies a transition point of PWM waveforms output from TIOCB4 and TOCXB4
334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com