công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 326 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 326 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 322Page - Renesas Technology Corp H8S/2111B Datasheet HTML 323Page - Renesas Technology Corp H8S/2111B Datasheet HTML 324Page - Renesas Technology Corp H8S/2111B Datasheet HTML 325Page - Renesas Technology Corp H8S/2111B Datasheet HTML 326Page - Renesas Technology Corp H8S/2111B Datasheet HTML 327Page - Renesas Technology Corp H8S/2111B Datasheet HTML 328Page - Renesas Technology Corp H8S/2111B Datasheet HTML 329Page - Renesas Technology Corp H8S/2111B Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 582 page
background image
Rev. 1.00, 05/04, page 292 of 544
Bit
Bit
Name
Initial
Value
R/W
Description
1
IRIC
0
R/(W)*
I
2C Bus Interface Interrupt Request Flag
Indicates that the I
2C bus interface has issued an
interrupt request to the CPU.
IRIC is set at different times depending on the FS bit in
SAR, the FSX bit in SARX, and the WAIT bit in ICMR.
See section 13.4.7, IRIC Setting Timing and SCL
Control. The conditions under which IRIC is set also
differ depending on the setting of the ACKE bit in ICCR.
[Setting conditions]
I
2C bus format master mode:
• When a start condition is detected in the bus line
state after a start condition is issued (when the
ICDRE flag is set to 1 because of first frame
transmission)
• When a wait is inserted between the data and
acknowledge bit when the WAIT bit is 1 (fall of the
8th transmit/receive clock)
• At the end of data transfer (rise of the 9th
transmit/receive clock while no wait is inserted)
• When a slave address is received after bus
arbitration is lost (the first frame after the start
condition)
• If 1 is received as the acknowledge bit (when the
ACKB bit in ICSR is set to 1) when the ACKE bit is
1
• When the AL flag is set to 1 after bus arbitration is
lost while the ALIE bit is 1
I
2C bus format slave mode:
• When the slave address (SVA or SVAX) matches
(when the AAS or AASX flag in ICSR is set to 1)
and at the end of data transfer up to the subsequent
retransmission start condition or stop condition
detection (rise of the 9th transmit/receive clock)
• When the general call address is detected (when 0
is received as the R/
W bit and the ADZ flag in ICSR
is set to 1) and at the end of data reception up to
the subsequent retransmission start condition or
stop condition detection (rise of the 9th receive
clock)
• If 1 is received as the acknowledge bit (when the
ACKB bit in ICSR is set to 1) while the ACKE bit is 1
• When a stop condition is detected (when the STOP
or ESTP flag in ICSR is set to 1) while the STOPIM
bit is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com