công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 312 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 312 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 308Page - Renesas Technology Corp H8S/2111B Datasheet HTML 309Page - Renesas Technology Corp H8S/2111B Datasheet HTML 310Page - Renesas Technology Corp H8S/2111B Datasheet HTML 311Page - Renesas Technology Corp H8S/2111B Datasheet HTML 312Page - Renesas Technology Corp H8S/2111B Datasheet HTML 313Page - Renesas Technology Corp H8S/2111B Datasheet HTML 314Page - Renesas Technology Corp H8S/2111B Datasheet HTML 315Page - Renesas Technology Corp H8S/2111B Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 582 page
background image
Rev. 1.00, 05/04, page 278 of 544
• Selectable input/output pins*
 Pins, PG4/ExSDAA, PG5/ExSCLA, PG6/ExSDAB, and PG7/ExSCLB, are selectable for
the I
2C bus input/output pin in each channel.
Note:
*
The program development tool (emulator) does not support this function.
Figure 13.1 shows a block diagram of the I
2C bus interface. Figure 13.2 shows an example of I/O
pin connections to external circuits. Since I
2C bus interface I/O pins are different in structure from
normal port pins, they have different specifications for permissible applied voltages. For details,
see section 22, Electrical Characteristics.
φ
SCL
PS
Noise
canceler
Bus state
decision
circuit
Arbitration
decision
circuit
Output data
control
circuit
ICCR
Clock
control
ICXR
ICMR
ICSR
PGCTL
ICDRS
Address
comparator
SAR, SARX
SDA
Noise
canceler
Interrupt
generator
Interrupt
request
ICDRR
ICDRT
[Legend]
ICCR:
ICMR:
ICSR:
ICDR:
ICXR:
SAR:
SARX:
PS:
PGCTL:
I2C bus control register
I2C bus mode register
I2C bus status register
I2C bus data register
I2C bus extended control register
Slave address register
Slave address register X
Prescaler
Port G control register
ExSCLA*
ExSCLB*
ExSDAA*
ExSDAB*
Pin
selection
circuit
Pin
selection
circuit
Note: * The program development tool (emulator) does not support this function.
Figure 13.1 Block Diagram of I
2C Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com