công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 285 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 285 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 281Page - Renesas Technology Corp H8S/2111B Datasheet HTML 282Page - Renesas Technology Corp H8S/2111B Datasheet HTML 283Page - Renesas Technology Corp H8S/2111B Datasheet HTML 284Page - Renesas Technology Corp H8S/2111B Datasheet HTML 285Page - Renesas Technology Corp H8S/2111B Datasheet HTML 286Page - Renesas Technology Corp H8S/2111B Datasheet HTML 287Page - Renesas Technology Corp H8S/2111B Datasheet HTML 288Page - Renesas Technology Corp H8S/2111B Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 582 page
background image
Rev. 1.00, 05/04, page 251 of 544
12.4.2
Receive Data Sampling Timing and Reception Margin in Asynchronous Mode
In asynchronous mode, the SCI operates on a basic clock with a frequency of 16 times the bit rate.
In reception, the SCI samples the falling edge of the start bit using the basic clock, and performs
internal synchronization. Since receive data is latched internally at the rising edge of the 8th pulse
of the basic clock, data is latched at the middle of each bit, as shown in figure 12.3. Thus the
reception margin in asynchronous mode is determined by formula (1) below.
M = (0.5 –
) –
(1 + F) – (L – 0.5) F } × 100
[%]
... Formula (1)
2N
1
N
D – 0.5
[Legend]
M: Reception margin (%)
N : Ratio of bit rate to clock (N = 16)
D : Clock duty (D = 0.5 to 1.0)
L : Frame length (L = 9 to 12)
F : Absolute value of clock rate deviation
}
Assuming values of F = 0 and D = 0.5 in formula (1), the reception margin is determined by the
formula below.
M = {0.5 – 1/(2 × 16)} × 100
[%] = 46.875 %
However, this is only the computed value, and a margin of 20% to 30% should be allowed in
system design.
Internal
basic clock
16 clocks
8 clocks
Receive data
(RxD)
Synchronization
sampling timing
Start bit
D0
D1
Data sampling
timing
15 0
7
15 0
0
7
Figure 12.3 Receive Data Sampling Timing in Asynchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com