công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 232 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 232 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 228Page - Renesas Technology Corp H8S/2111B Datasheet HTML 229Page - Renesas Technology Corp H8S/2111B Datasheet HTML 230Page - Renesas Technology Corp H8S/2111B Datasheet HTML 231Page - Renesas Technology Corp H8S/2111B Datasheet HTML 232Page - Renesas Technology Corp H8S/2111B Datasheet HTML 233Page - Renesas Technology Corp H8S/2111B Datasheet HTML 234Page - Renesas Technology Corp H8S/2111B Datasheet HTML 235Page - Renesas Technology Corp H8S/2111B Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 582 page
background image
Rev. 1.00, 05/04, page 198 of 544
TCSR_Y
Bit
Bit Name
Initial
Value
R/W
Description
7
CMFB
0
R/(W)*
1
Compare-Match Flag B
[Setting condition]
When the values of TCNT_Y and TCORB_Y match
[Clearing condition]
Read CMFB when CMFB = 1, then write 0 in CMFB
6
CMFA
0
R/(W)*
1
Compare-Match Flag A
[Setting condition]
When the values of TCNT_Y and TCORA_Y match
[Clearing condition]
Read CMFA when CMFA = 1, then write 0 in CMFA
5
OVF
0
R/(W)*
1
Timer Overflow Flag
[Setting condition]
When TCNT_Y overflows from H'FF to H'00
[Clearing condition]
Read OVF when OVF = 1, then write 0 in OVF
4
ICIE
0
R/W
Input Capture Interrupt Enable
Enables or disables the ICF interrupt request (ICIX)
when the ICF bit in TCSR_X is set to 1.
0: ICF interrupt request (ICIX) is disabled
1: ICF interrupt request (ICIX) is enabled
3
2
OS3
OS2
0
0
R/W
R/W
Output Select 3, 2
These bits specify how the TMOY pin*
2 output level is to
be changed by compare-match B of TCORB_Y and
TCNT_Y.
00: No change
01: 0 is output
10: 1 is output
11: Output is inverted (toggle output)
1
0
OS1
OS0
0
0
R/W
R/W
Output Select 1, 0
These bits specify how the TMOY pin*
2 output level is to
be changed by compare-match A of TCORA_Y and
TCNT_Y.
00: No change
01: 0 is output
10: 1 is output
11: Output is inverted (toggle output)
Notes: 1. Only 0 can be written, for flag clearing.
2. The program development tool (emulator) does not support this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com