công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 211 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 211 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 207Page - Renesas Technology Corp H8S/2111B Datasheet HTML 208Page - Renesas Technology Corp H8S/2111B Datasheet HTML 209Page - Renesas Technology Corp H8S/2111B Datasheet HTML 210Page - Renesas Technology Corp H8S/2111B Datasheet HTML 211Page - Renesas Technology Corp H8S/2111B Datasheet HTML 212Page - Renesas Technology Corp H8S/2111B Datasheet HTML 213Page - Renesas Technology Corp H8S/2111B Datasheet HTML 214Page - Renesas Technology Corp H8S/2111B Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 582 page
background image
Rev. 1.00, 05/04, page 177 of 544
9.6
Interrupt Sources
The free-running timer can request seven interrupts: ICIA to ICID, OCIA, OCIB, and FOVI. Each
interrupt can be enabled or disabled by an enable bit in TIER. Independent signals are sent to the
interrupt controller for each interrupt. Table 9.2 lists the sources and priorities of these interrupts.
Table 9.2
FRT Interrupt Sources
Interrupt
Interrupt Source
Interrupt Flag
Priority
ICIA
Input capture of ICRA
ICFA
High
ICIB
Input capture of ICRB
ICFB
ICIC
Input capture of ICRC
ICFC
ICID
Input capture of ICRD
ICFD
OCIA
Compare match of OCRA
OCFA
OCIB
Compare match of OCRB
OCFB
FOVI
Overflow of FRC
OVF
Low
9.7
Usage Notes
9.7.1
Conflict between FRC Write and Clear
If an internal counter clear signal is generated during the state after an FRC write cycle, the clear
signal takes priority and the write is not performed. Figure 9.17 shows the timing for this type of
conflict.
φ
Address
FRC address
Internal write
signal
Counter clear
signal
FRC
N
H'0000
T
1
T
2
Write cycle of FRC
Figure 9.17 FRC Write-Clear Conflict



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com