công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 136 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 136 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 132Page - Renesas Technology Corp H8S/2111B Datasheet HTML 133Page - Renesas Technology Corp H8S/2111B Datasheet HTML 134Page - Renesas Technology Corp H8S/2111B Datasheet HTML 135Page - Renesas Technology Corp H8S/2111B Datasheet HTML 136Page - Renesas Technology Corp H8S/2111B Datasheet HTML 137Page - Renesas Technology Corp H8S/2111B Datasheet HTML 138Page - Renesas Technology Corp H8S/2111B Datasheet HTML 139Page - Renesas Technology Corp H8S/2111B Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 582 page
background image
Rev. 1.00, 05/04, page 102 of 544
7.1.5
Port 1 Input Pull-Up MOS
Port 1 has an on-chip input pull-up MOS function that can be controlled by software. This input
pull-up MOS function can be specified as on or off on a bit-by-bit basis.
Table 7.2 summarizes the input pull-up MOS states.
Table 7.2
Input Pull-Up MOS States (Port 1)
Reset
Hardware Standby Mode
Software Standby Mode In Other Operations
Off
Off
On/Off
On/Off
[Legend]
Off:
Input pull-up MOS is always off.
On/Off: On when the pin is in the input state, P1DDR = 0, and P1PCR = 1: otherwise off.
7.2
Port 2
Port 2 is an 8-bit I/O port. Port 2 has an on-chip input pull-up MOS function that can be controlled
by software. Port 2 has the following registers.
• Port 2 data direction register (P2DDR)
• Port 2 data register (P2DR)
• Port 2 pull-up MOS control register (P2PCR)
7.2.1
Port 2 Data Direction Register (P2DDR)
P2DDR specifies input or output for the pins of port 2 on a bit-by-bit basis.
Bit
Bit Name
Initial
Value
R/W
Description
7
P27DDR
0
W
6
P26DDR
0
W
5
P25DDR
0
W
4
P24DDR
0
W
3
P23DDR
0
W
2
P22DDR
0
W
1
P21DDR
0
W
0
P20DDR
0
W
The corresponding port 2 pins are output ports when
P2DDR bits are set to 1, and input ports when P2DDR
bits are cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com