công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 122 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 122 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 118Page - Renesas Technology Corp H8S/2111B Datasheet HTML 119Page - Renesas Technology Corp H8S/2111B Datasheet HTML 120Page - Renesas Technology Corp H8S/2111B Datasheet HTML 121Page - Renesas Technology Corp H8S/2111B Datasheet HTML 122Page - Renesas Technology Corp H8S/2111B Datasheet HTML 123Page - Renesas Technology Corp H8S/2111B Datasheet HTML 124Page - Renesas Technology Corp H8S/2111B Datasheet HTML 125Page - Renesas Technology Corp H8S/2111B Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 582 page
background image
Rev. 1.00, 05/04, page 88 of 544
5.7.3
Operation
If the CPU prefetches an address specified in BAR by setting ABRKCR and BAR, an address
break interrupt can be generated. This address break function generates an interrupt request to the
interrupt controller at prefetch, and determines the priority by the interrupt controller. When an
interrupt is accepted, an interrupt exception handling is activated after the current instruction has
been completed. Note that the interrupt mask control according to the I and UI bits in CCR of the
CPU is invalid to an address break interrupt.
To use the address break function, set each register as follows:
1. Set a break address in the A23 to A1 bits in BAR.
2. Set the BIE bit in ABRKCR to 1 to enable the address break.
When the BIE bit is cleared to 0, an address break is not requested.
When the setting conditions are satisfied, the CMF flag in ABRKCR is set to 1 to request an
interrupt. The interrupt source should be determined by the interrupt handling routine if necessary.
5.7.4
Usage Notes
1. In an address break, the break address should be an address where the first byte of the
instruction exists. Otherwise, a break condition will not be satisfied.
2. In normal mode, addresses A23 to A16 are not compared.
3. When the branch instructions (Bcc, BSR), jump instructions (JMP, JSR), RST instruction, and
RTE instruction are placed immediately prior to the address specified by BAR, a prefetch
signal to the address may be output to request an address break by executing these instruction.
It is necessary to take countermeasures: do not set a break address to an address immediately
after these instructions, or determine whether interrupt handling is performed by satisfaction of
a normal condition.
4. An address break interrupt is generated by combining the internal prefetch signal and an
address. Therefore, the timing to enter the interrupt exception handling differs according to the
instructions at the specified and at prior addresses and execution cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More