công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 571 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 571 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 567Page - Renesas Technology Corp H8S/2111B Datasheet HTML 568Page - Renesas Technology Corp H8S/2111B Datasheet HTML 569Page - Renesas Technology Corp H8S/2111B Datasheet HTML 570Page - Renesas Technology Corp H8S/2111B Datasheet HTML 571Page - Renesas Technology Corp H8S/2111B Datasheet HTML 572Page - Renesas Technology Corp H8S/2111B Datasheet HTML 573Page - Renesas Technology Corp H8S/2111B Datasheet HTML 574Page - Renesas Technology Corp H8S/2111B Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 582 page
background image
Rev. 1.00, 05/04, page 537 of 544
Appendix
A.
I/O Port States in Each Processing State
Table A.1
I/O Port States in Each Processing State
Port Name
Pin Name
Reset
Hardware
Standby
Mode
Software
Standby
Mode
Watch
Mode
Sleep
Mode
Sub-
sleep Mode
Subactive
Mode
Program
Execution
State
Port 1
T
T
kept
kept
kept
kept
I/O port
I/O port
Port 2
T
T
kept
kept
kept
kept
I/O port
I/O port
Port 3
T
T
kept
kept
kept
kept
I/O port
I/O port
Port 4
T
T
kept
kept
kept
kept
I/O port
I/O port
Port 5
T
T
kept
kept
kept
kept
I/O port
I/O port
Port 6
T
T
kept
kept
kept
kept
I/O port
I/O port
Port 7
T
T
T
T
T
T
Input port
Input port
Port 8
T
T
kept
kept
kept
kept
I/O port
I/O port
Port 97
T
T
kept
kept
kept
kept
I/O port
I/O port
Port 96
φ
EXCL
T
T
[DDR = 1] H
[DDR = 0] T
EXCL input
[DDR = 1]
clock output
[DDR = 0] T
EXCL input
EXCL input
Clock output/
EXCL input/
input port
Ports 95 to 90
T
T
kept
kept
kept
kept
I/O port
I/O port
Port A
T
T
kept
kept
kept
kept
I/O port
I/O port
Port B
T
T
kept
kept
kept
kept
I/O port
I/O port
Ports C to G
T
T
kept
kept
kept
kept
I/O port
I/O port
[Legend]
H:
High
L:
Low
T:
High-impedance state
kept:
Input ports are in the high-impedance state (when DDR = 0 and PCR = 1, input pull-up
MOSs remain on).
Output ports maintain their previous state.
Depending on the pins, the on-chip peripheral modules may be initialized and the I/O port
function determined by DDR and DR used.
DDR: Data direction register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com