công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 523 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 523 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 519Page - Renesas Technology Corp H8S/2111B Datasheet HTML 520Page - Renesas Technology Corp H8S/2111B Datasheet HTML 521Page - Renesas Technology Corp H8S/2111B Datasheet HTML 522Page - Renesas Technology Corp H8S/2111B Datasheet HTML 523Page - Renesas Technology Corp H8S/2111B Datasheet HTML 524Page - Renesas Technology Corp H8S/2111B Datasheet HTML 525Page - Renesas Technology Corp H8S/2111B Datasheet HTML 526Page - Renesas Technology Corp H8S/2111B Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 582 page
background image
Rev. 1.00, 05/04, page 489 of 544
21.2
Register Bits
Register addresses and bit names of the on-chip peripheral modules are described below.
Each line covers 8 bits, and 16-bit registers are shown as 2 lines.
Register
Abbreviation
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Module
TCR_B
CMIEB
CMIEA
OVIE
CCLR1
CCLR0
CKS2
CKS1
CKS0
TCR_A
CMIEB
CMIEA
OVIE
CCLR1
CCLR0
CKS2
CKS1
CKS0
TCSR_B
CMFB
CMFA
OVF
ICIE
OS3
OS2
OS1
OS0
TCSR_A
CMFB
CMFA
OVF
ICF
OS3
OS2
OS1
OS0
TCORA_B
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TCORA_A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TCORB_B
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TCORB_A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TCNT_B
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TCNT_A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TISR_B
IS
TICRR_A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TICRF_A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TCRAB
CKSA
CKSB
ICST
TMR_A
TMR_B
TCRXY*
1
IOSX
IOSY
CKSX
CKSY
TMR_X
TMR_Y
SPSR*
1
SPS1
SCI_1
PGCTL*
1
IIC1BS
IIC1AS
IC0BS
IIC0AS
IIC
common
PGNOCR
PG7NOCR
PG6NOCR
PG5NOCR
PG4NOCR
PG3NOCR
PG2NOCR
PG1NOCR
PG0NOCR
PENOCR
PE7NOCR
PE6NOCR
PE5NOCR
PE4NOCR
PE3NOCR
PE2NOCR
PE1NOCR
PE0NOCR
PFNOCR
PF7NOCR
PF6NOCR
PF5NOCR
PF4NOCR
PF3NOCR
PF2NOCR
PF1NOCR
PF0NOCR
PCNOCR
PC7NOCR
PC6NOCR
PC5NOCR
PC4NOCR
PC3NOCR
PC2NOCR
PC1NOCR
PC0NOCR
PDNOCR
PD7NOCR
PD6NOCR
PD5NOCR
PD4NOCR
PD3NOCR
PD2NOCR
PD1NOCR
PD0NOCR
PORT
TWR0MW
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LPC
TWR0SW
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com