| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2111B bảng dữ liệu(PDF) 454 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B bảng dữ liệu(HTML) 454 Page - Renesas Technology Corp |
|
454 / 582 page ![]() Rev. 1.00, 05/04, page 420 of 544 Figure 16.2 shows the operation timing. 1. Scan mode is selected (SCAN = 1), scan group 0 is selected (CH2 = 0), analog input channels AN0 to AN2 are selected (CH1 = 1, CH0 = 0), and A/D conversion is started (ADST = 1). 2. When A/D conversion of the first channel (AN0) is completed, the result is transferred to ADDRA. Next, conversion of the second channel (AN1) starts automatically. 3. Conversion proceeds in the same way through the third channel (AN2). 4. When conversion of all the selected channels (AN0 to AN2) is completed, the ADF flag is set to 1 and conversion of the first channel (AN0) starts again. If the ADIE bit is set to 1 at this time, an ADI interrupt is requested after A/D conversion ends. 5. Steps 2 to 4 are repeated as long as the ADST bit remains set to 1. When the ADST bit is cleared to 0, A/D conversion stops. After that, if the ADST bit is set to 1, A/D conversion starts again from the first channel (AN0). ADST ADF ADDRA ADDRB ADDRC ADDRD State of channel 0 (AN0) State of channel 1 (AN1) State of channel 2 (AN2) State of channel 3 (AN3) Set*1 Clear*1 Idle Notes: 1. Vertical arrows ( ) indicate instructions executed by software. 2. Data currently being converted is ignored. Clear*1 Idle Idle A/D conversion time Idle Continuous A/D conversion execution A/D conversion 1 Idle Idle Idle Idle Idle Transfer *2 A/D conversion 3 A/D conversion 2 A/D conversion 5 A/D conversion 4 A/D conversion result 1 A/D conversion result 2 A/D conversion result 3 A/D conversion result 4 Figure 16.2 Example of A/D Converter Operation (Scan Mode, Channels AN0 to AN2 Selected) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |