công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 418 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 418 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 414Page - Renesas Technology Corp H8S/2111B Datasheet HTML 415Page - Renesas Technology Corp H8S/2111B Datasheet HTML 416Page - Renesas Technology Corp H8S/2111B Datasheet HTML 417Page - Renesas Technology Corp H8S/2111B Datasheet HTML 418Page - Renesas Technology Corp H8S/2111B Datasheet HTML 419Page - Renesas Technology Corp H8S/2111B Datasheet HTML 420Page - Renesas Technology Corp H8S/2111B Datasheet HTML 421Page - Renesas Technology Corp H8S/2111B Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 582 page
background image
Rev. 1.00, 05/04, page 384 of 544
• STR3 (TWRE = 1 or SELSTR3 = 0)
R/W
Bit
Bit Name
Initial
Value Slave Host Description
7
IBF3B
0
R
R
Bidirectional Data Register Input Buffer Full
Set to 1 when the host processor writes to TWR15. This
is an internal interrupt source to the slave processor (this
LSI). IBF3B is cleared to 0 when the slave processor
reads TWR15.
0: [Clearing condition]
When the slave processor reads TWR15
1: [Setting condition]
When the host processor writes to TWR15 using I/O
write cycle
6
OBF3B
0
R/(W)* R
Bidirectional Data Register Output Buffer Full
Set to 1 when the slave processor (this LSI) writes to
TWR15. OBF3B is cleared to 0 when the host processor
reads TWR15.
0: [Clearing condition]
When the host processor reads TWR15 using I/O
read cycle, or the slave processor writes 0 to the
OBF3B bit
1: [Setting condition]
When the slave processor writes to TWR15
5
MWMF
0
R
R
Master Write Mode Flag
Set to 1 when the host processor writes to TWR0.
MWMF is cleared to 0 when the slave processor (this
LSI) reads TWR15.
0: [Clearing condition]
When the slave processor reads TWR15
1: [Setting condition]
When the host processor writes to TWR0 using I/O
write cycle while SWMF = 0
4
SWMF
0
R/(W)* R
Slave Write Mode Flag
Set to 1 when the slave processor (this LSI) writes to
TWR0. In the event of simultaneous writes by the master
and the slave, the master write has priority. SWMF is
cleared to 0 when the host reads TWR15
0: [Clearing condition]
When the host processor reads TWR15 using I/O
read cycle, or the slave processor writes 0 to the
SWMF bit
1: [Setting condition]
When the slave processor writes to TWR0 while
MWMF = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com