công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 413 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 413 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 409Page - Renesas Technology Corp H8S/2111B Datasheet HTML 410Page - Renesas Technology Corp H8S/2111B Datasheet HTML 411Page - Renesas Technology Corp H8S/2111B Datasheet HTML 412Page - Renesas Technology Corp H8S/2111B Datasheet HTML 413Page - Renesas Technology Corp H8S/2111B Datasheet HTML 414Page - Renesas Technology Corp H8S/2111B Datasheet HTML 415Page - Renesas Technology Corp H8S/2111B Datasheet HTML 416Page - Renesas Technology Corp H8S/2111B Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 582 page
background image
Rev. 1.00, 05/04, page 379 of 544
15.3.3
LPC Channel 3 Address Register (LADR3)
LADR3 comprises two 8-bit readable/writable registers that perform LPC channel-3 host address
setting and control the operation of the bidirectional data registers. The contents of the address
field in LADR3 must not be changed while channel 3 is operating (while LPC3E is set to 1).
• LADR3H
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Channel 3 Address Bits 15 to 8:
When LPC3E = 1, an I/O address received in an LPC
I/O cycle is compared with the contents of LADR3.
When determining an IDR3, ODR3, or STR3 address
match, bit 0 of LADR3 is regarded as 0, and the value of
bit 2 is ignored. When determining a TWR0 to TWR15
address match, bit 4 of LADR3 is inverted, and the
values of bits 3 to 0 are ignored. Register selection
according to the bits ignored in address match
determination is as shown in table 15.2.
• LADR3L
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
Channel 3 Address Bits 7 to 3
2
0
R/W
Reserved
This bit is readable/writable, however, only 0 should be
written to this bit.
1
Bit 1
0
R/W
Channel 3 Address Bit 1
0
TWRE
0
R/W
Bidirectional Data Register Enable
Enables or disables bidirectional data register operation.
0: TWR operation is disabled
TWR-related I/O address match determination is
halted
1: TWR operation is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com