công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 265 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 265 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 261Page - Renesas Technology Corp H8/3028 Datasheet HTML 262Page - Renesas Technology Corp H8/3028 Datasheet HTML 263Page - Renesas Technology Corp H8/3028 Datasheet HTML 264Page - Renesas Technology Corp H8/3028 Datasheet HTML 265Page - Renesas Technology Corp H8/3028 Datasheet HTML 266Page - Renesas Technology Corp H8/3028 Datasheet HTML 267Page - Renesas Technology Corp H8/3028 Datasheet HTML 268Page - Renesas Technology Corp H8/3028 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 923 page
background image
Rev. 2.00, 09/03, page 235 of 890
7.4.9
Multiple-Channel Operation
The DMAC channel priority order is: channel 0 > channel 1 and channel A > channel B.
Table 7.12 shows the complete priority order.
Table 7.12 Channel Priority Order
Short Address Mode
Full Address Mode
Priority
Channel 0A
Channel 0
High
Channel 0B
Channel 1A
Channel 1
Channel 1B
Low
If transfers are requested on two or more channels simultaneously, or if a transfer on one channel
is requested during a transfer on another channel, the DMAC operates as follows.
• When a transfer is requested, the DMAC requests the bus right. When it gets the bus right, it
starts a transfer on the highest-priority channel at that time.
• Once a transfer starts on one channel, requests to other channels are held pending until that
channel releases the bus.
• After each transfer in short address mode, and each externally-requested or cycle-steal transfer
in normal mode, the DMAC releases the bus and returns to step 1. After releasing the bus, if
there is a transfer request for another channel, the DMAC requests the bus again.
• After completion of a burst-mode transfer, or after transfer of one block in block transfer
mode, the DMAC releases the bus and returns to step 1. If there is a transfer request for a
higher-priority channel or a bus request from a higher-priority bus master, however, the
DMAC releases the bus after completing the transfer of the current byte or word. After
releasing the bus, if there is a transfer request for another channel, the DMAC requests the bus
again.
Figure 7.19 shows the timing when channel 0A is set up for I/O mode and channel 1 for burst
mode, and a transfer request for channel 0A is received while channel 1 is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com