công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 256 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 256 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 252Page - Renesas Technology Corp H8/3028 Datasheet HTML 253Page - Renesas Technology Corp H8/3028 Datasheet HTML 254Page - Renesas Technology Corp H8/3028 Datasheet HTML 255Page - Renesas Technology Corp H8/3028 Datasheet HTML 256Page - Renesas Technology Corp H8/3028 Datasheet HTML 257Page - Renesas Technology Corp H8/3028 Datasheet HTML 258Page - Renesas Technology Corp H8/3028 Datasheet HTML 259Page - Renesas Technology Corp H8/3028 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 923 page
background image
Rev. 2.00, 09/03, page 226 of 890
Figure 7.12 shows a sample setup procedure for block transfer mode.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
Block transfer mode
1
2
3
4
5
6
7
8
9
10
Set source address
Set destination address
Set block transfer count
Set block size
Set DTCRB (1)
Set DTCRA (1)
Read DTCRB
Set DTCRB (2)
Read DTCRA
Set DTCRA (2)
Block transfer mode
Set the source address in MARA.
Set the destination address in MARB.
Set the block transfer count in ETCRB.
Set the block size (number of bytes or words)
in both ETCRAH and ETCRAL.
Set the DTCRB bits as follows.
Set the DTCRA bits as follows.
•
•
•
•
•
•
•
•
•
Clear the DTME bit to 0.
Set the DAID and DAIDE bits to select whether
MARB is incremented, decremented, or held fixed.
Set or clear the TMS bit to make the block area
the source or destination.
Select the DMAC activation source with bits
DTS2B to DTS0B.
Clear the DTE to 0.
Select byte size or word size with the DTSZ bit.
Set the SAID and SAIDE bits to select whether
MARA is incremented, decremented, or held fixed.
Set or clear the DTIE bit to enable or disable the
CPU interrupt at the end of the transfer.
Set bits DTS2A to DTS0A all to 1 to select
block transfer mode.
Read DTCRB with DTME cleared to 0.
Set the DTME bit to 1 in DTCRB.
Read DTCRA with DTE cleared to 0.
Set the DTE bit to 1 in DTCRA to enable
the transfer.
Note: Carry out settings 1 to 10 with the DEND interrupt masked in the CPU.
If an NMI interrupt occurs during the setup procedure, it may clear the DTME bit to 0, in
which case the transfer will not start.
Figure 7.12 Block Transfer Mode Setup Procedure (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com