công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 249 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 249 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 245Page - Renesas Technology Corp H8/3028 Datasheet HTML 246Page - Renesas Technology Corp H8/3028 Datasheet HTML 247Page - Renesas Technology Corp H8/3028 Datasheet HTML 248Page - Renesas Technology Corp H8/3028 Datasheet HTML 249Page - Renesas Technology Corp H8/3028 Datasheet HTML 250Page - Renesas Technology Corp H8/3028 Datasheet HTML 251Page - Renesas Technology Corp H8/3028 Datasheet HTML 252Page - Renesas Technology Corp H8/3028 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 923 page
background image
Rev. 2.00, 09/03, page 219 of 890
7.4.5
Normal Mode
In normal mode the A and B channels are combined. One byte or word is transferred per request.
A designated number of these transfers are executed. Addresses are specified in MARA and
MARB. Table 7.9 indicates the register functions in I/O mode.
Table 7.9
Register Functions in Normal Mode
Register
Function
Initial Setting
Operation
23
0
MARA
Source address
register
Source start
address
Incremented or
decremented once per
transfer, or held fixed
23
0
MARB
Destination
address register
Destination start
address
Incremented or
decremented once per
transfer, or held fixed
15
0
ETCRA
Transfer counter
Number of
transfers
Decremented once per
transfer
Legend
MARA: Memory address register A
MARB: Memory address register B
ETCRA: Execute transfer count register A
The source and destination addresses are both 24-bit addresses. MARA specifies the source
address. MARB specifies the destination address. MARA and MARB can be independently
incremented, decremented, or held fixed as data is transferred.
The transfer count is specified as a 16-bit value in ETCRA. The ETCRA value is decremented by
1 at each transfer. When the ETCRA value reaches H'0000, the DTE bit is cleared and the transfer
ends. If the DTIE bit is set to 1, a CPU interrupt is requested at this time. The maximum transfer
count is 65,536, obtained by setting ETCRA to H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com