công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 219 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 219 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 215Page - Renesas Technology Corp H8/3028 Datasheet HTML 216Page - Renesas Technology Corp H8/3028 Datasheet HTML 217Page - Renesas Technology Corp H8/3028 Datasheet HTML 218Page - Renesas Technology Corp H8/3028 Datasheet HTML 219Page - Renesas Technology Corp H8/3028 Datasheet HTML 220Page - Renesas Technology Corp H8/3028 Datasheet HTML 221Page - Renesas Technology Corp H8/3028 Datasheet HTML 222Page - Renesas Technology Corp H8/3028 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 923 page
background image
Rev. 2.00, 09/03, page 189 of 890
Section 7 DMA Controller
7.1
Overview
The H8/3028 Group has an on-chip DMA controller (DMAC) that can transfer data on up to four
channels.
When the DMA controller is not used, it can be independently halted to conserve power. For
details see section 20.6, Module Standby Function.
7.1.1
Features
DMAC features are listed below.
• Selection of short address mode or full address mode
Short address mode
 8-bit source address and 24-bit destination address, or vice versa
 Maximum four channels available
 Selection of I/O mode, idle mode, or repeat mode
• Full address mode
 24-bit source and destination addresses
 Maximum two channels available
 Selection of normal mode or block transfer mode
• Directly addressable 16-Mbyte address space
• Selection of byte or word transfer
• Activation by internal interrupts, external requests, or auto-request (depending on transfer
mode)
 16-bit timer compare match/input capture interrupts (×3)
 Serial communication interface (SCI channel 0) transmit-data-empty/receive-data-full
interrupts
 External requests
 Auto-request
 A/D converter conversion-end interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com