công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 137 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 137 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 133Page - Renesas Technology Corp H8/3028 Datasheet HTML 134Page - Renesas Technology Corp H8/3028 Datasheet HTML 135Page - Renesas Technology Corp H8/3028 Datasheet HTML 136Page - Renesas Technology Corp H8/3028 Datasheet HTML 137Page - Renesas Technology Corp H8/3028 Datasheet HTML 138Page - Renesas Technology Corp H8/3028 Datasheet HTML 139Page - Renesas Technology Corp H8/3028 Datasheet HTML 140Page - Renesas Technology Corp H8/3028 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 923 page
background image
Rev. 2.00, 09/03, page 107 of 890
Section 6 Bus Controller
6.1
Overview
The H8/3028 Group has an on-chip bus controller (BSC) that manages the external address space
divided into eight areas. The bus specifications, such as bus width and number of access states,
can be set independently for each area, enabling multiple memories to be connected easily.
The bus controller also has a bus arbitration function that controls the operation of the internal bus
masters-the CPU, DMA controller (DMAC), and DRAM interface and can release the bus to an
external device.
6.1.1
Features
The features of the bus controller are listed below.
• Manages external address space in area units
 Manages the external space as eight areas (0 to 7) of 128 kbytes in 1M-byte modes, or 2
Mbytes in 16-Mbyte modes
 Bus specifications can be set independently for each area
 DRAM/burst ROM interfaces can be set
• Basic bus interface
 Chip select (CS0 to CS7) can be output for areas 0 to 7
 8-bit access or 16-bit access can be selected for each area
 Two-state access or three-state access can be selected for each area
 Program wait states can be inserted for each area
 Pin wait insertion capability is provided
• DRAM interface
 DRAM interface can be set for areas 2 to 5
 Row address/column address multiplexed output (8/9/10 bits)
 2-CAS byte access mode
 Burst operation (fast page mode)
 TP cycle insertion to secure RAS precharging time
 Choice of CAS-before-RAS refreshing or self-refreshing
• Burst ROM interface
 Burst ROM interface can be set for area 0
 Selection of two- or three-state burst access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com