công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 120 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 120 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 116Page - Renesas Technology Corp H8/3028 Datasheet HTML 117Page - Renesas Technology Corp H8/3028 Datasheet HTML 118Page - Renesas Technology Corp H8/3028 Datasheet HTML 119Page - Renesas Technology Corp H8/3028 Datasheet HTML 120Page - Renesas Technology Corp H8/3028 Datasheet HTML 121Page - Renesas Technology Corp H8/3028 Datasheet HTML 122Page - Renesas Technology Corp H8/3028 Datasheet HTML 123Page - Renesas Technology Corp H8/3028 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 923 page
background image
Rev. 2.00, 09/03, page 90 of 890
Bit 1—Priority Level B1 (IPRB1): Selects the priority level of SCI channel 2 interrupt requests.
Bit 1
IPRB1
Description
0
SCI channel 2 interrupt requests have priority level 0 (low priority)
(Initial value)
1
SCI channel 2 interrupt requests have priority level 1 (high priority)
Bit 0—Reserved: This bit can be written and read, but it does not affect interrupt priority.
5.2.3
IRQ Status Register (ISR)
ISR is an 8-bit readable/writable register that indicates the status of IRQ0 to IRQ5 interrupt
requests.
Bit
Initial value
Read/Write
7
—
0
—
These bits indicate IRQ to IRQ
interrupt request status
Note: * Only 0 can be written, to clear flags.
6
—
0
—
5
IRQ5F
0
R/(W)*
4
IRQ4F
0
R/(W)*
3
IRQ3F
0
R/(W)*
2
IRQ2F
0
R/(W)*
1
IRQ1F
0
R/(W)*
0
IRQ0F
0
R/(W)*
50
IRQ to IRQ flags
50
Reserved bits
ISR is initialized to H'00 by a reset and in hardware standby mode.
Bits 7 and 6—Reserved: These bits can not be modified and are always read as 0.
Bits 5 to 0—IRQ5 to IRQ0 Flags (IRQ5F to IRQ0F): These bits indicate the status of IRQ5 to
IRQ0 interrupt requests.
Bits 5 to 0
IRQ5F to IRQ0F Description
0
[Clearing conditions]
(Initial value)
0 is written in IRQnF after reading the IRQnF flag when IRQnF = 1.
IRQnSC = 0,
IRQn input is high, and interrupt exception handling is carried out.
IRQnSC = 1 and IRQn interrupt exception handling is carried out.
1
[Setting conditions]
IRQnSC = 0 and
IRQn input is low.
IRQnSC = 1 and
IRQn input changes from high to low.
Note: n = 5 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com