| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3028F bảng dữ liệu(PDF) 354 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F bảng dữ liệu(HTML) 354 Page - Renesas Technology Corp |
|
354 / 923 page ![]() Rev. 2.00, 09/03, page 324 of 890 9.2.5 Timer Interrupt Status Register B (TISRB) TISRB is an 8-bit readable/writable register that indicates GRB compare match or input capture and enables or disables GRB compare match and input capture interrupt requests. 7 — 1 — Bit Initial value Read/Write 6 IMIEB2 0 R/W 5 IMIEB1 0 R/W 4 IMIEB0 0 R/W 3 — 1 — 2 IMFB2 0 R/(W) * 1 IMFB1 0 R/(W) * 0 IMFB0 0 R/(W) * Reserved bit Reserved bit Input capture/compare match interrupt enable B2 to B0 These bits enable or disable interrupts by the IMFB flags Input capture/compare match flags B2 to B0 Status flags indicating GRB compare match or input capture Note: * Only 0 can be written, to clear the flag. TISRB is initialized to H'88 by a reset and in standby mode. Bit 7—Reserved: This bit cannot be modified and is always read as 1. Bit 6—Input Capture/Compare Match Interrupt Enable B2 (IMIEB2): Enables or disables the interrupt requested by the IMFB2 when IMFB2 flag is set to 1. Bit 6 IMIEB2 Description 0 IMIB2 interrupt requested by IMFB2 flag is disabled (Initial value) 1 IMIB2 interrupt requested by IMFB2 flag is enabled |